Part Number Hot Search : 
CAR3108B AS1348 PMB2400 101K35 ON2803 ATTP3 EGXE800E 74HC245P
Product Description
Full Text Search
 

To Download C8051F230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C8051F230
25 MIPS, 8 kB Flash, 48-Pin Mixed-Signal MCU
Analog Peripherals
Two comparators
High-Speed 8051 C Core
-
-
Programmable hysteresis Configurable to generate interrupts or reset
VDD Monitor and Brown-out Detector
Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks Up to 25 MIPS throughput with 25 MHz system clock Expanded interrupt handler; up to 21 interrupt sources 256 bytes data RAM 8 kB Flash; in-system programmable in 512 byte sectors (512 bytes are reserved) 32 port I/O; all are 5 V tolerant Hardware SPITM and UART serial ports available concurrently 3 general-purpose 16-bit counter/timers Dedicated watchdog timer; bidirectional reset Internal programmable oscillator: 2-16 MHz External oscillator: Crystal, RC, C, or Clock Can switch between clock sources on-the-fly
On-Chip JTAG Debug
Memory
On-chip emulation circuitry facilitates full-speed, non-intrusive, in-circuit emulation Supports breakpoints, single stepping, watchpoints, inspect/modify memory, and registers Superior performance to emulation systems using ICE-chips, target pods, and sockets Fully compliant with IEEE 1149.1 specification Typical operating current: 9 mA at 25 MHz Typical stop mode current: <0.1 uA
Digital Peripherals
Supply Voltage: 2.7 to 3.6 V
Clock Sources
48-Pin TQFP - Temperature Range: -40 to +85 C
VDD VDD GND GND NC NC NC NC
Analog/Digital Power
Port 0 Latch UART Timer 0 Timer 1 Timer 2
P 0 M U X
P 0 D r v
P0.0/TX P0.1/RX P0.2//INT0 P0.3//INT1 P0.4/T0 P0.5/T1 P0.6/T2 P0.7/T2EX
TCK TMS TDI TDO RST
JTAG Logic
Debug HW
Reset
8 0 5 1 C o r e
8 kB FLASH 256 byte RAM
Port 1 Latch
CP0 CP0+
CP0
P 1 M U X
P 1 D r v
CP0CP1+
CP1
CP1
P1.0/CP0+ P1.1/CP0P1.2/CP0 P1.3/CP1+ P1.4/CP1P1.5/CP1 P1.6/SYSCLK P1.7
MONEN
VDD Monitor External Oscillator Circuit Internal Oscillator
CP1SYSCLK
WDT Port 2 Latch SPI
XTAL1 XTAL2
SFR Bus
P 2 M U X
P 2 D r v P 3
System Clock
P2.0/SCK P2.1/MISO P2.2/MOSI P2.3/NSS P2.4 P2.5 P2.6 P2.7 P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 P3.6 P3.7
Port 3 Latch
D r v
General Purpose
Copyright (c) 2004 by Silicon Laboratories
6.15.2004
C8051F230
25 MIPS, 8 kB Flash, 48-Pin Mixed-Signal MCU Selected Electrical Specifications
(TA = -40 to +85 C, VDD = 2.7 V unless otherwise specified unless otherwise specified)
PARAMETER CONDITIONS GLOBAL CHARACTERISTICS Supply Voltage Supply Current (CPU Clock = 25 MHz active) Clock = 1 MHz Clock = 32 kHz; VDD Monitor Disabled Supply Current Oscillator not running; VDD Monitor (shutdown) Enabled Oscillator not running; VDD Monitor Disabled Clock Frequency Range COMPARATORS Supply Current (each comparator) Response Time (CP+) - (CP-) = 100 mV MIN 2.7 9 0.4 11 10 0.1 DC 1.5 4.0 25 TYP MAX 3.6 UNITS V mA mA A A A MHz A s
Package Information
D D1
C8051F226DK Development Kit
MIN NOM MAX (mm) (mm) (mm) 1.20 0.15
A
E1 E
A1 0.05
A2 0.95 1.00 1.05 b
48 PIN 1 IDENTIFIER A2
0.17 0.22 0.27 9.00 7.00 0.50 9.00 7.00 -
D D1
1 e
e E
A b A1
E1
General Purpose
Copyright (c) 2004 by Silicon Laboratories
6.15.2004
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc. Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders


▲Up To Search▲   

 
Price & Availability of C8051F230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X